Electronic Components Datasheet Search
  English  ▼

X  

M21245 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21245
Description  3G/HD/SD-SDI Multi-rate Reclocker
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21245 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21245 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
21245-DSH-001-H
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
Ordering Information
Part Number
Package
Operating Temperature
M21245G-15*
6x6 mm, 40-pin QFN package
-40 °C to 85 °C
* The letter “G” designator after the part number indicates that the device is RoHS compliant. Refer to www.mindspeed.com for the latest ordering
number and additional information. The RoHS compliant devices are backwards compatible with 225 °C reflow profiles.
Revision History
Revision
Level
Date
Description
H
Released
July 2012
Section 4.6.2: Revised four-wire interface description.
G
Released
January 2012
Table 1-8: Added 2-state input to VIH and VIL.
Section 4.9: Advised using a 10 k
Ω pull-up to DV
DDIO when in “interrupt mode.”
F
Released
January 2011
In the previous revision of this device, M21245G-14, the Loss of Lock (LOL) alarm would be erroneously
triggered when pathological signals were used. As a workaround, Mindspeed recommended masking the
faulty LOL alarm by setting register 96h bit[6] to 1b. In the latest version, M21245G-15, the faulty
algorithm has been corrected. Therefore, the requirement to mask the LOL alarm has been removed from
this data sheet. Please note that this change has been made to be fully backwards compatible, so setting
register 96h bit[6] to 1b, while unnecessary, will not affect the function or performance of the device.
Ordering Information: Updated part number from -14 to 15.
Table 1-7: Updated XTAL and reference clock electrical specifications, input Impedance typical from to
400 k
Ω to 200 Ω i input amplitude range from 1.6 V-2.0 V to 0.8 V to 1.2 V and max rise/fall times from
1 ns max to 2 ns typical and 6 ns max.
Table 1-8: Updated VOH from 0.75 to 0.80 x DVDDIO and IOL from 24 mA to 3 mA.
Figure 3-1: Updated the pinout diagram to reflect new pin naming convention.
Table 3-1: Updated table to reflect new pin naming convention.
Figure 3-6: Updated figure from pull-down to pull-up.
Table 5-1: Updated register map table. Added all registers needed to perform EEPROM checksum.
Register 0Ah: Added this register to provide programmability to SDOB De-emphasis.
Register 0Eh: De-featured xAlarm status mode.
Register 0Eh: Modified Interrupt mode xAlarm pulse widths to reflect their true value with respect to a
10K
Ω pull up resistor.
Register 82h: Updated chip version from 03h to 04h.
Figure 4-3: Updated self bias diagram to reflect conditions necessary for self biased mode.
Section 4.6.2: Updated to include the detailed timing description for four-wire interface when conducting a
write operation followed by a read operation.
Table 4-6: Updated the EEPROM Addresses.
Table 4-7: Updated the EEPROM Addresses.
Section 4.7.1: Clock Recovery: Updated the data to clock delay to 60 ps.
Section 4.2: Included conditions necessary for self biased mode.
Section 4.6.1: Added note defeaturing xAlaram pin in hardware control mode.
Section 4.9: De-featured xAlarm pin in hardware mode and limited xAlarm pin usage to Interrupt Mode
only.
E
Released
August 2010
Status for floating logic state for pin MF4 changed from reclocker bypass to normal operation in Table 3-1
and Table 4-2.
Status for floating logic state for pin MF5 changed from reclocker bypass to normal operation in Table 3-1
and Table 4-2.
Changed MF4 and MF5 levels in Table 3-1.
Added note to Figure 4-3.
Changed MF4 and MF5 levels in Table 4-2.
Changed MF3 function description in Table 4-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com