Electronic Components Datasheet Search
  English  ▼

X  

M21355 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21355
Description  3G/HD/SD-SDI Low Power Quad Video Reclocker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21355 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21355 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21355 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21355-BRF-001-B.pdf
© 2010 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies. All other trademarks are the property of their respec-
tive owners. Although Mindspeed Technologies strives for accuracy in all its publications, this
material may contain errors or omissions and is subject to change without notice. This material is
provided as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be liable for
any special, indirect, incidental or consequential damages as a result of its use.
For more product information, please visit www.mindspeed.com
Applications
•
3G/HD/SD-SDI switchers
•
3G/HD/SD-SDI routers
•
3G/HD/SD distribution amplifiers
•
DVB-ASI equipment
Standards Compliance
•
SMPTE 424M, 292M, and 259M-C
•
DVB-ASI (270 Mbps)
Package (RoHS Compliant)
•
72pin QFN
•
10mmX10mm
> Product Features
Fig. 2 - Typical Routing Switcher Application Diagram
Equalizer
Cable
Driver
Crosspoint
Reclocker
M21355/
M21350
Backplane
IE
IE
IE
IE
16:4
Mux/
S witch
R eclocker 3
R eclocker 2
R eclocker 1
50Ω Buffer
W/ DE
R eclocker 0
M21355
50Ω Buffer
W/ DE
50Ω Buffer
W/ DE
50Ω Buffer
W/ DE
SDO0N
SDO0P
SDO1N
SDO1P
SDO2N
SDO2P
SDO3N
SDO3P
SDI0N
SDI0P
SDI1N
SDI1P
SDI14N
SDI14P
SDI15N
SDI15P
Fig. 1 - Functional Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com