Electronic Components Datasheet Search
  English  ▼

X  

M21452 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21452
Description  6.5 Gbps Backplane Signal Conditioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21452 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21452 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21452 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
M21451,2,3-BRF-001-D.pdf
For more product information, please visit
www.mindspeed.com.
Fig. 3 - M21453 Application Diagram: Failover / Redundancy Switch
> Product Features
Source
M21453
Failover Mode
Backplane
Note: M21453
supports 4 instances
of configuration
shown
Copy
Switch
Switch Cards /
Disk Drives
Target A
Target B
© 2010 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo are
trademarks of Mindspeed Technologies, Inc. All other trademarks are the property of their respective
owners. Although Mindspeed Technologies, Inc. strives for accuracy in all its publications, this material
may contain errors or omissions and is subject to change without notice. This material is provided as
is and without any express or implied warranties, including merchantability, fitness for a particular
purpose and non-infringement. Mindspeed Technologies, Inc. shall not be liable for any special,
indirect, incidental or consequential damages as a result of its use.
Fig. 5 - 6.5 Gbps Equalized After 36” Trace
Fig. 4 - M21453 Device Architecture
•
Protocol agnostic
•
Supports SMPTE 424M, 344M, 292M, and 259M, DVB-ASI
•
Supports rates from 50 Mbps to 6.5 Gbps
•
Transparently relays OOB/EBI
•
Extended temperature range -40° to +85°C
•
Boundary scan
•
1.2V core
•
1.2V or 1.8V IO option
Applications
•
Backplane equalizer / driver
•
SDI video and DVB-ASI equipment
•
SATA / SAS redundancy switch
•
Blade server board to board interconnect
•
Infiniband reach extension
•
PCI Express failover switch
23 dB
Input
Equalization
6 dB
Programmable
Output
De-emphasis
Register Control
JTAG Control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com