Electronic Components Datasheet Search
  English  ▼

X  

M21453 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21453
Description  6.5 Gbps Backplane Signal Conditioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21453 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21453 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21453 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M21451/2/3 6.5 Gbps Backplane Signal Conditioners
> Product Overview
Mindspeed’s family of 6.5 Gbps backplane signal conditioners feature small form factor, low power devices that enable
data transmission over long backplanes at speeds up to 6.5 Gbps. Mindspeed’s Amplif-Eye™ signal conditioning tech-
nology enables transmission of 6.5 Gbps data to distances up to one meter while also traversing two backplane connec-
tors. These products are specifically designed to operate in environments that suffer from both loss and reflection.
Each device channel features an independent equalizer and driver with programmable output swing and de-emphasis
to maximize power efficiency. Virtually any digital protocol can be transmitted through the devices at speeds from
50 Mbps to 6.5 Gbps. The list of supported protocols includes: PCI Express, SATA, SAS, Infiniband, 2 x XAUI and Fibre
Channel. Mindspeed’s backplane signal conditioners are designed to recognize and transparently relay out-of-band
(OOB) signals for SATA/SAS and PCI Express. All devices include fully non-blocking switch matrices that allow for simple
switching as well as multi-cast functionality. Matrices can also be configured as failover switches. All devices operate
from -40° to +85°C. Devices can either be configured via a 2 wire interface, EPROM or via hardware (4 and 12 channel
only).
Features
Benefits
> Fully non-blocking switch matrices
Ultimate flexibility for switching and copying signals
> SMPTE 424M, 344M, 292M, and 259M compatible, DVB-ASI
Robust video compatibility
> Input equalization and de-emphasis available
Maximizes transmission length
> Low power dissipation per channel
Minimizes cost to operate and cool
> Small QFN packages
Provides space efficiency and reliability
> Out of band signaling support
Allows for seamless integration into PCIe, SATA and SAS
> Protocol agnostic
One device supports multiple applications
> 1.2 Volt core / optional 1.2 or 1.8 Volt IO
Flexibility to use right power performance
> Extended temperature range (-40
° to 85° C)
Provides additional margin for most applications
> Data rate independent
Operates to 6.5 Gbps, no reference clock required
>
®
Mindspeed Signal Integrity
M21451
M21452
M21453
Switch Matrix
4x4
8x8
12x12
Power (mW) at 1.2V
580
920
1300
Package (mm)
6x6
40 pin QFN
10x10
72 pin QFN
12x12
88 pin QFN
EQ Control Type
Adaptive
Program
Program
Fig. 1 - Product Selector Table
Fig. 2 - Mindspeed Signal Integrity


Similar Part No. - M21453

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2145-3005-AL RAF-M2145-3005-AL Datasheet
86Kb / 1P
6 MM HEX MALE-FEMALE STANDOFFS
M2145-3005-S RAF-M2145-3005-S Datasheet
86Kb / 1P
6 MM HEX MALE-FEMALE STANDOFFS
M2145-3005-SS RAF-M2145-3005-SS Datasheet
86Kb / 1P
6 MM HEX MALE-FEMALE STANDOFFS
M2145-4007-AL RAF-M2145-4007-AL Datasheet
95Kb / 1P
6 MM HEX MALE-FEMALE STANDOFFS
M2145-4007-SS RAF-M2145-4007-SS Datasheet
95Kb / 1P
6 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M21453

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3312 VITESSE-VSC3312 Datasheet
665Kb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
Analog Devices
AD8158 AD-AD8158 Datasheet
707Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
REV. 0
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
List of Unclassifed Man...
M21351G-14 ETC2-M21351G-14 Datasheet
782Kb / 2P
M21351/2/3 4.25 Gbps Backplane Signal Conditioners
logo
Vitesse Semiconductor C...
VSC3312YP VITESSE-VSC3312YP Datasheet
1Mb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
M/A-COM Technology Solu...
M21450 MA-COM-M21450 Datasheet
426Kb / 2P
6.5 Gbps Dual-Channel Backplane Signal Conditioner
M21145 MA-COM-M21145 Datasheet
328Kb / 2P
6.5 Gbps 80x80/160x160 Crosspoint Switch
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
1Gbps - 6.25 Gbps Backplane Equalizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com