Electronic Components Datasheet Search
  English  ▼

X  

M21528 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21528
Description  3G/HD/SD-SDI Low Power Dual Cable Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21528 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21528 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21528 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M21528 3G/HD/SD-SDI Low Power Dual Cable Driver
> Product Overview
The M21528 is a very low power, highly integrated, dual cable driver for SMPTE compliant digital video applications. It can
drive 2 pairs of 75
Ω coaxial cables, or 50Ω equivalent loads, at SDI data rates from 143 Mbps to 2.97 Gbps. The device is
capable of outputting SDI signals with jitter of 12 ps peak to peak, when operating at 2.97 Gbps.
The dual cable driver includes a 2x2 input crosspoint and integrated input and output termination resistors. The M21528,
with input equalization for up to 36” of FR4 trace in addition to two connectors and exceptional Output Return Loss
(ORL), is ideal for, high speed, 3G-SDI, designs.
The device features integrated supply regulators, allowing it to be powered from 1.8V, 2.5V, or 3.3V supply voltages.
When operating at 1.8V, it consumes only 40mW per channel at 2.97Gbps. Furthermore, the power rails for the input and
output circuitry are electrically isolated on-chip and as such may be connected to different voltage rails on the board.
This feature enables the M21528 to be DC coupled to any upstream device in the 1.2V to 3.3V range.
The integrated 2x2 crosspoint allows for either input to be routed to either output, eliminating the need for an external
multiplexer. Additionally, one input may be routed to both outputs. The cable driver also provides cable detect and Loss
of Signal (LOS) functionality. It can be configured to automatically power down at cable disconnect or loss of input
signal.
The M21528 is offered in a green and RoHS compliant, 4mm x 4mm, 24 pin QFN package.
Features
Benefits
> Independent, dual channel, multi-rate cable driver
Save board area and enable high density designs
> SMPTE 424M, 292M, and 259M compliant
Standard compliant solution
> Exceptional output return loss with no matching network
Save board area and enable high density designs
> Typical output jitter of 12ps pk–pk at 2.97 Gbps
Enable robust, high speed, SDI design
> Integrated, selectable, 75
Ω or 50Ω output termination
Save board area and enable high density designs
> Integrated 50
Ω input termination
Save board area and enable high density designs
> Very low power design; 40 mW/channel @1.8V
Enable low power designs with minimal heat dissipation
> Input equalization 36” of FR4 trace + 2 connectors
Ease of high speed design and layout
> Selectable slew rate for SD and 3G/HD operation
Standard compliant solution
> Integrated 2x2 crosspoint switch
Save board area and enable high density designs
> Integrated regulators for multi-voltage operation (1.8V – 3.3V) Reduce number of power rails required on a board
> Universal DC coupling at the input (1.2V – 3.3V)
Reduce the number of external components required
> Cable detect with automatic power down and power up upon
cable disconnect and re-connect
Reduced power consumption
> Loss of input signal detection with automatic power down and
power up upon cable disconnect and re-connect
Reduced power consumption
> Industrial operating temperature range ( -40°C to +85°C)
Provides higher tolerance and additional design margin
>


Similar Part No. - M21528

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528G-13 MA-COM-M21528G-13 Datasheet
760Kb / 22P
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
More results

Similar Description - M21528

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
3G, HD, SD SDI Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com