Electronic Components Datasheet Search
  English  ▼

X  

SA450ACA-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # SA450ACA-HF
Description  Axial Lead Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA450ACA-HF Datasheet(HTML) 2 Page - Comchip Technology

  SA450ACA-HF Datasheet HTML 1Page - Comchip Technology SA450ACA-HF Datasheet HTML 2Page - Comchip Technology SA450ACA-HF Datasheet HTML 3Page - Comchip Technology SA450ACA-HF Datasheet HTML 4Page - Comchip Technology SA450ACA-HF Datasheet HTML 5Page - Comchip Technology SA450ACA-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QW-JTV12
RATING AND CHARACTERISTIC CURVES (SA5V0-HF thru SA191-HF)
Pulse Width,td (μS)
100
10
1
0.1
Fig.4 Peak Pulse Power Rating Curve
0.1
1
10
100
Ambient Temperature,TA
(°C )
0
Fig.1 Pulse Derating Curve
0
20
40
60
140
75
Time, (mS)
0
Fig.5- Pulse Waveform
0
25
75
1
2
3
4
Comchip Technology CO., LTD.
Page 2
REV:A
50
100
200
150
50
100
Axial Lead Transient Voltage Suppressor
10000
1000
25
125
80
100
120
td
Pulse width (td) is defined
as the point where the peak
current decay to 50% of IPP
tr=10μS
Peak value IPP
Half value IPP/2
10/1000μS waveform
as defined by R.E.A.
Lead Temperature,TL
(°C )
0
Fig.3- Steady State Power Derating Curve
0
0.5
1.5
3.5
25
75
100
200
1.0
3.0
50
125 150
2.5
2.0
Number of Cycles at 60Hz
1
Fig.2- Maximun Non-Repetitive Surge
Current
0
80
10
100
20
40
60
8.3mS single half
sine-wave (JEDEC method)
TJ=TJ max.
175
TJ=25 C
O
Fig.6- Typical Junction Capacitance
100
10
1
10
100
1000
1
Reverse Breakdown Voltage,VBR (V)
10000
Bi-directional
@zero bias
Uni-directional
@zero bias
Uni-directional
@VRWM
Bi-directional @ VRWM
TJ=25
f=1.0MHz
OC
1000
175
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com