Electronic Components Datasheet Search
  English  ▼

X  

SA480ACA-HF Datasheet(PDF) 6 Page - Comchip Technology

Part # SA480ACA-HF
Description  Axial Lead Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA480ACA-HF Datasheet(HTML) 6 Page - Comchip Technology

  SA480ACA-HF Datasheet HTML 1Page - Comchip Technology SA480ACA-HF Datasheet HTML 2Page - Comchip Technology SA480ACA-HF Datasheet HTML 3Page - Comchip Technology SA480ACA-HF Datasheet HTML 4Page - Comchip Technology SA480ACA-HF Datasheet HTML 5Page - Comchip Technology SA480ACA-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QW-JTV12
Comchip Technology CO., LTD.
Page 6
REV:A
B
Taping Specification For Axial Lead Diodes (For Ammo Package)
B
Z
T
E
L1-L2
DO-15
SYMBOL
A
(mm)
(inch)
0.039 (max)
5.00 ± 0.5
52.0 ± 0.5
6.0 ± 0.4
1.0 (max)
1.2 (max)
3 (max)
2.047 ± 0.020
0.197± 0.020
0.047 (max)
0.236 ± 0.016
0.118(max)
L1
L2
E
T
Z
T
E
90℃±5℃
Standard Packaging
L
H
W
Case Type
Ammo Package
2
DO-15
Box / Carton
10
20
Inner BOX
( K )
CARTON
( K )
(EA)
Inner
Dimension
BOX
(L*W*H)
252*80*117
3
10
30
260*75*145
Axial Lead Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com