Electronic Components Datasheet Search
  English  ▼

X  

SA600ACA-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # SA600ACA-HF
Description  Axial Lead Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA600ACA-HF Datasheet(HTML) 1 Page - Comchip Technology

  SA600ACA-HF Datasheet HTML 1Page - Comchip Technology SA600ACA-HF Datasheet HTML 2Page - Comchip Technology SA600ACA-HF Datasheet HTML 3Page - Comchip Technology SA600ACA-HF Datasheet HTML 4Page - Comchip Technology SA600ACA-HF Datasheet HTML 5Page - Comchip Technology SA600ACA-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Axial Lead Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 190 Volts
Peak Pulse Power: 500 Watts
RoHS Device
Page 1
REV:A
Features
-Glass passivated chip.
-Low leakage.
-500W peak pulse power capability with a
10/1000μs waveform, repetitive rate (duty
cycle): 0.01%.
-Uni and Bidirectional unit.
-Excellent clamping capability.
-Very fast response time.
Mechanical data
SA5V0-HF Thru. SA191-HF Series
QW-JTV12
Comchip Technology CO., LTD.
Peak power dissipation with a 10/1000μS
waveform (Note 1)
Peak pulse current with a 10/1000μS
waveform (Note 1)
Power dissipation on infinite heatsink at
TL=75 °C
Peak forward surge current, 8.3ms single
half sine-wave uni-directional only (Note 2)
Maximum instantaneous forward voltage
at 25A for uni-directional only (Note 3)
Value
Units
Symbol
Characteristics
PPP
IPPM
PD
IFSM
VF
TJ,TSTG
500
See Next Table
3.0
70
3.5/5.0
-55 to +150
W
A
W
A
V
°C
Dimensions in inches and (millimeter)
DO-15
1.000(25.40)
MIN.
0.300(7.63)
0.230(5.85)
0.142(3.61)
0.102(2.60)
0.033(0.84)
0.028(0.71)
1.000(25.40)
MIN.
-Case: Molded plastic DO-15
-Terminals: Axial leads solderable per MIL-STD-202
Method 208
-Polarity: Color band denotes positive end
(cathode)
Operating junction and storage temperature
range
NTOES:
(1) Non-repetitive current pulse per fig.5 and derated above TA=25°C per fig. 1.
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
-Epoxy: UL 94V-0 rate flame retardant
-Mounting position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
-RoHS compliant.


Similar Part No. - SA600ACA-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA600A(CA)-G COMCHIP-SA600A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA600ACA-HF

ManufacturerPart #DatasheetDescription
logo
Semikron International
5KP6 SEMIKRON-5KP6 Datasheet
156Kb / 3P
Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6KE6 SEMIKRON-P6KE6 Datasheet
159Kb / 3P
Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Comchip Technology
SA5V0-G COMCHIP-SA5V0-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
10KP17A SUNMATE-10KP17A Datasheet
689Kb / 3P
AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com