Electronic Components Datasheet Search
  English  ▼

X  

HMC369LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC369LP3
Description  SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC369LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC369LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC369LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC369LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC369LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC369LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC369LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
11 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC369LP3
SMT GaAs HBT MMIC x2 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
v01.0604
General Description
Features
Functional Diagram
Output Power: +4 dBm
Sub-Harmonic Suppression: 30 dBc
SSB Phase Noise: -142 dBc/Hz
Single Supply: 5V@ 46 mA
9 mm2 Leadless SMT Package
Electrical Specifications, T
A = +25° C, Vcc= 5.0V
Typical Applications
Active Multiplier for X Band Applications:
• OC-192 Clock Recovery
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Test Instrumentation
The HMC369LP3 is an active miniature x2 frequency
multiplier utilizing InGaP GaAs HBT technology in a
3 mm x 3 mm leadless QFN surface mount package.
Power output is +4 dBm typical from a single +5.0V
supply and varies little vs. input power, temperature
and supply voltage. Suppression of undesired
fundamental and sub-harmonics is 30 dBc typical
with respect to output signal level. The low additive
SSB phase noise of -142 dBc/Hz at 100 kHz
offset helps the user maintain good system noise
performance. The HMC369LP3 is ideal for use in
LO multiplier chains allowing reduced parts count
versus traditional approaches.
The HMC369LP3
is also useful for OC-192 clock recovery.
The
application of 10 GBPS data to the input generates
a -7 dBm clock tone at the output with spurious
signals suppressed by 25 dB.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
4.95 - 5.3
5.3 - 6.35
GHz
Frequency Range, Output
9.9 - 10.6
10.6 - 12.7
GHz
Input Power Range
-5
+5
-5
+5
dBm
Output Power
-1
3
0
4
dBm
Sub-Harmonic Suppression
30
30
dBc
Input Return Loss
17
16
dB
Output Return Loss
5.5
6
dB
SSB Phase Noise (100 kHz Offset)
Pin= 0 dBm
-142
-142
dBc/Hz
Supply Current (Icc)
46
46
mA


Similar Part No. - HMC369LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC369LP3 HITTITE-HMC369LP3 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
logo
Analog Devices
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC369LP3E HITTITE-HMC369LP3E Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
logo
Analog Devices
HMC369LP3E AD-HMC369LP3E Datasheet
353Kb / 6P
Test Instrumentation
More results

Similar Description - HMC369LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_07 Datasheet
632Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_10 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_10 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_10 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 AD-HMC445LP4 Datasheet
368Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com