Electronic Components Datasheet Search
  English  ▼

X  

MA4AGSW3 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW3
Description  SP3T AlGaAs PIN Diode Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW3 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW3_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SP3T AlGaAs PIN Diode Switch
Rev. V7
MA4AGSW3
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Operation of the MA4AGSW3 Switch
The simultaneous application of a negative DC current to the low loss port and positive DC current to the
remaining isolated switching ports is required for the operation of the MA4AGSW3, AlGaAs, PIN switch. The
backside area of the die is the RF and DC return ground plane. The DC return is connected to the common port
J1. The forward bias voltage at J2, J3 & J4 will not exceed ±1.6 volts and is typically ± 1.4 volts with supply
current of ± 30mA). In the low loss state, the series diode must be forward biased and the shunt diode reverse
biased. While for the Isolated port, the shunt diode is forward biased and the series diode is reverse biased. The
bias network design shown below should yield > 30 dB RF to DC Isolation.
Available for use in conjunction with M/A-COM Tech’s line of AlGaAs switches are two, fully integrated, broad-
band, monolithic, bias networks which may be used as an alternative to the suggested individual component bias
network shown below. Refer to datasheets for the MA4BN1840-1 and MA4BN1840-2 for additional information.
The lowest insertion loss, P1dB, IP3, and switching speed is achieved by using a voltage pull-up resistor in the DC
return path, (J1). A minimum value of | -2V | is recommended at this return node, which is achievable with a
standard, ± 5V TTL Controlled PIN Diode Driver.
MA4AGSW3 Schematic with a Typical External 2-18 GHz Bias Network
TYPICAL DRIVER CONNECTIONS
CONTROL LEVEL (DC CURRENT)
CONDITION OF RF OUTPUT
J2
J3
J4
J2-J1
J3-J1
J4-J1
-10mA
+10mA
+10mA
Low Loss
Isolation
Isolation
+10mA
-10mA
+10mA
Isolation
Low Loss
Isolation
+10mA
+10mA
-10mA
Isolation
Isolation
Low Loss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com