Electronic Components Datasheet Search
  English  ▼

X  

HMC373LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC373LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC373LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC373LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC373LP3 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MICROWAVE CORPORATION
8 - 137
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC373LP3
v01.0604
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 8, 10,
12, 13, 15, 16
N/C
No connection necessary.
These pins may be connected to RF/DC ground.
2
RF IN
This pin is matched to 50 Ohms with a 19 nH inductor to
ground. See Application Circuit.
4
Vctl
DC ground return. LNA is in high gain mode when a short
circuit is introduced to this pin through an external switch.
LNA is in bypass mode when open circuit is introduced
6ACG
An external capacitor of 0.01µF to ground is required
for low frequency bypassing.
See Application Circuit for further details.
7, 14
GND
These pins must be connected to RF/DC ground.
9
Vdd
Power supply voltage. Choke inductor and bypass capacitor
are required. See application circuit.
11
RF OUT
This pin is AC coupled and matched to 50 Ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com