Electronic Components Datasheet Search
  English  ▼

X  

NP5032SA Datasheet(PDF) 2 Page - NIHON DEMPA KOGYO

Part # NP5032SA
Description  Simple Packaged Crystal Oscillator (SPXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP5032SA Datasheet(HTML) 2 Page - NIHON DEMPA KOGYO

  NP5032SA Datasheet HTML 1Page - NIHON DEMPA KOGYO NP5032SA Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillator
1407E_NP5032SA_e
Simple Packaged Crystal Oscillator (SPXO)
Model Name NP5032SA / NP5032SB
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
■ Stand-by Function (NP5032SB)
Tr
Tf
t
T
VOD1
VOD2
VOD =
VOD1
VOD2
VOS =
VOS1
VOS2
Symmetry = t/T × 100
[%]
20%
80%
VOS1
VOS2
OUTN
OUT
■ Output waveform (NP5032SB)
When ordering our products, specify them with an “Ordering Code” that consists of the following:
Model name – Frequency (up to 8 digits) M – Number for specifying an order
Example : When ordering a product with model name: NP5032SA, 100 MHz, ±25
x 10–6/ 0 to 70°C, +2.5V
Ordering Code: NP5032SA – 100M – NSA3509E
■ How to Specify an Order
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
mm
Tolerance:±0.1
Note1:#2 is internally connected to #1
Land pattern (Typical)
5.0±0.2
2.54±0.20
0.60
1.27
1.27
0.01µF
2.54
0.64±0.10
#6 #5
#4
#1 #2
#3
C0.30
Terminal land connections
#1
#2*1
#3
Enable/Disable
GND
NC/GND
#4
#5
#6
VCC
OUTPUT
OUTPUT
■ Dimensions (NP5032SA / NP5032SB)
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
■ Stand-by Function (NP5032SA)
Tr
Tf
t
T
Symmetry = t/T × 100 [%]
20%
80%
■ Output waveform (NP5032SA)
■ Number for specifying an order (NP5032SA)
Overall frequency tolerance : ±25×10-6 / 0 to +70°C
Supply voltage (VCC)
(V)
+2.5±5%
+3.3±10%
Number for specifying an order
NSA3509E
NSA3509F
Overall frequency tolerance : ±25×10-6 / 0 to +70°C
Supply voltage (VCC)
(V)
+2.5±5%
+3.3±10%
Number for specifying an order
NSA3510E
NSA3510F
Overall frequency tolerance : ±50×10-6 / 0 to +85°C
Supply voltage (VCC)
(V)
+2.5±5%
+3.3±10%
Number for specifying an order
NSA3509C
NSA3509D
Overall frequency tolerance : ±100×10-6 / 0 to +85°C
Supply voltage (VCC)
(V)
+2.5±5%
+3.3±10%
Number for specifying an order
NSA3509A
NSA3509B
Overall frequency tolerance : ±50×10-6 / 0 to +85°C
Supply voltage (VCC)
(V)
+2.5±5%
+3.3±10%
Number for specifying an order
NSA3510C
NSA3510D
Overall frequency tolerance : ±100×10-6 / 0 to +85°C
Supply voltage (VCC)
(V)
+2.5±5%
+3.3±10%
Number for specifying an order
NSA3510A
NSA3510B
■ Number for specifying an order (NP5032SB)
STAND-BY
Note:#2 is internally connected to #3
VOL
VOH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com