Electronic Components Datasheet Search
  English  ▼

X  

W005G-G Datasheet(PDF) 1 Page - Comchip Technology

Part # W005G-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

W005G-G Datasheet(HTML) 1 Page - Comchip Technology

  W005G-G Datasheet HTML 1Page - Comchip Technology W005G-G Datasheet HTML 2Page - Comchip Technology W005G-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WOG-G/WOMG-G Series
Parameter
Symbol
Unit
Features
-Surge overload rating -50A peak.
-Ideal for printed circuit board.
-Mounting position: Any.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current @TA=25°C
Peak forward surage current,
8.3ms single half sine-wave
super Imposed on rated load
2
I t rating for fusing (t<8.3ms)
Maximum forward voltage drop
per element at 1.5A peak
Maximum reverse current at rated TJ=25°C
DC blocking voltage per element T =100°C
J
Operating temperature range
Storage temperature range
Reverse Voltage: 50 to 1000V
Forward Current: 1.5A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
W005 -G
G
W005MG-G
50
35
50
W01 -G
G
W01M -G
G
100
70
100
VRRM
VRMS
VDC
I(AV)
IFSM
2
I t
VF
IR
TJ
TSTG
W02 -G
G
W02M -G
G
200
140
200
W04 -G
G
W04M -G
G
400
280
400
W06 -G
G
W06M -G
G
600
420
600
W08 -G
G
W08M -G
G
800
560
800
W10 -G
G
W10M -G
G
1000
700
1000
1.5
40
6.64
1.1
10
1
-55 ~ +150
-55 ~ +150
V
V
V
A
A
2
A t
V
μA
mA
°C
°C
0.366(9.30)
0.350(8.84)
0.220(5.60)
0.200(5.10)
(23.4)
0.032(0.81)
0.028(0.71)
POS. LEAD
0.220(5.60)
0.180(4.60)
0.220(5.60)
0.180(4.60)
SPACING
0.386(9.80)
0.350(8.84)
0.181(4.60)
0.150(3.80)
0.032(0.81)
0.028(0.71)
POS. LEAD
0.220(5.60)
0.180(4.60)
0.220(5.60)
0.180(4.60)
SPACING
0.921
Min.
(27.5)
1.08
Min.
(23.4)
0.921
Min.
(27.5)
1.08
Min.
+
+
+
+
~
~
~
~
-
-
-
-
Glass Passivated Bridge Rectifiers
QW-BBR02
Page 1
REV: C
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
WOBM
WOB


Similar Part No. - W005G-G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
W005G-W10G GOOD-ARK-W005G-W10G Datasheet
178Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
More results

Similar Description - W005G-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com