Electronic Components Datasheet Search
  English  ▼

X  

W005MG-G Datasheet(PDF) 2 Page - Comchip Technology

Part # W005MG-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

W005MG-G Datasheet(HTML) 2 Page - Comchip Technology

  W005MG-G Datasheet HTML 1Page - Comchip Technology W005MG-G Datasheet HTML 2Page - Comchip Technology W005MG-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristics Curves (WOG-G/WOMG-G Series)
1
10
100
Number of Cycle at 60Hz
Fig.2 Derating Curve Output
-
Rectified Current
0
50
100
150
0
0.6
1.2
1.5
Ambient Temperature, (°C)
Fig.3 - Typical Forward Characteristics
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage, (V)
0.3
0.9
Fig.4 - Typical Reverse Characteristics
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage
0.1
1.0
10
0
20
40
50
10
30
TJ=25°C
TJ=25°C
120
60
20
SINGLE HALF-SINE-WAVE
Pulse Wldth 8.3ms
(JEDEC METHOD)
Fig.1 - Maximum Non-Repetitive
Surge Current
TYPICAL
DISTRIBUTION
Glass Passivated Bridge Rectifiers
QW-BBR02
Page 2
REV: C
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com