Electronic Components Datasheet Search
  English  ▼

X  

TPD1058FA Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD1058FA
Description  Low-Side Switch for Solenoid, Motor and Lamp Drive
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1058FA Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD1058FA Datasheet HTML 1Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 2Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 3Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 4Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 5Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 6Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 7Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 8Page - Toshiba Semiconductor TPD1058FA Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPD1058FA
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1058FA
Low-Side Switch for Solenoid, Motor and Lamp Drive
The TPD1058FA is a monolithic
power IC for low-side switches.
The IC has a MOSFET (DMOS) output which can be directly driven
from a CMOS or TTL logic circuit (e.g., an MPU). The IC is equipped
with intelligent self-protective functions and diagnostic functions.
Features
• A monolithic power IC with a new structure combining a control
block and a power MOSFET (DMOS) on single chip.
• Can directly drive a power load from CMOS or TTL logic.
• Built-in protection against overvoltage (active clamp), over
temperature (thermal shutdown), and over current.
• Incorporates a diagnosis function that allows diagnosis output to
be read externally at load short-circuiting, opening, or over temperature
• Low Drain-Source ON-resistance:
RDS (ON) = 0.1
Ω (Max) @VDD = 5 V, VSTBY = VIN = 5V, IO = 2 A, Tch = 25 °C
• Low Standby Current:
IDD = 10
μA (Max) @VSTBY = VIN = 0V, VDD = 5V, Tch = -40 to 125°C
• WSON10 package with embossed-tape packing.
Pin Assignment (top view)
Marking
Note: Due to its MOS structure, this product is sensitive to static electricity.
P-WSON10-0303-0.50-001
Weight: 0.02 g (typ.)
Lot No.
The last 2digit of calendar year
+ weekly code (2digit)
●
Toshiba house No. (6digit)
4 GND
9 IN
7 OUT
Start of commercial production
2015-4
1 05 8 FA
Part No. (or abbreviation code)
1 VDD
2 STBY
3 GND
5 GND
10 DIAG
8 N.C
6 OUT
● on the lower left of the marking indicates Pin 1
(TOP VIEW)
2015-2-9
1


Similar Part No. - TPD1058FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1055FA TOSHIBA-TPD1055FA Datasheet
421Kb / 12P
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020-06-25
More results

Similar Description - TPD1058FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
01-Mar-2000
TPD1028AS TOSHIBA-TPD1028AS Datasheet
244Kb / 7P
Low-side switch for motor, solenoid and lamp drive
04-Mar-1999
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
17-Feb-2000
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
Low-Side Switch for Motor, Solenoid and Lamp Drive
28-Mar-2007
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
Low-Side Switch for Motor, Solenoid and Lamp Drive
02-Oct-2007
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1044F TOSHIBA-TPD1044F_13 Datasheet
298Kb / 10P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1054F TOSHIBA-TPD1054F Datasheet
787Kb / 11P
Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com