Electronic Components Datasheet Search
  English  ▼

X  

HMC381LP6 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC381LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC381LP6 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC381LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
12 - 196
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC381LP6
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 1.7 - 2.2 GHz
v01.0704
General Description
Features
Functional Diagram
The HMC381LP6 is a high linearity Dual Down
Converter Receiver IC that operates from 1.7 - 2.2
GHz and delivers a +27dBm input third order in-
tercept point for UMTS & PHS applications. The
passive mixer outputs and high dynamic range IF
amplifier inputs are positioned so that an external
IF filter can be placed in series between them. The
converter provides a gain of 9 dB and 12 dB typi-
cal single side band noise figure. The IC operates
from a positive +5V rail consuming 260 mA of cur-
rent while requiring a LO drive level of only -4 to +4
dBm. The design requires no external baluns and
supports IF frequencies between 50 and 300 MHz.
+27 dBm Input IP3
Low Single Input LO Drive: 0 dBm
9 dB Conversion Gain
12 dB Noise Figure
Single Positive Supply: +5V @ 260 mA
Electrical Specifications, T
A = +25° C, LO = 0 dBm, Vdd = 5V, IF = 250 MHz*
Typical Applications
The HMC381LP6 is ideal for Wireless
Infrastructure Applications:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• PHS & PDC
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF
1.7 - 2.0
2.0 - 2.2
GHz
Frequency Range, LO
1.4 - 2.3
1.7 - 2.5
GHz
Frequency Range, IF
50 - 300
50 - 300
MHz
Conversion Gain
6.5
8.5
7
9
dB
Noise Figure (SSB)
12
12.5
dB
LO to RF Isolation
11
11
dB
LO to IF Isolation
16
20
14
18
dB
RF to IF Isolation
30
40
40
46
dB
IP3 (Input)
23
26
24
27
dBm
1 dB Compression (Input)
12
12
dBm
Branch Isolation
50
52
dB
LO Drive Input Level (Typical)
-4 to +4
-4 to +4
dBm
Supply Current (Idd for LO & IF)
(IF bias resistor= 4.7 Ohms)
260
260
mA
* Unless otherwise noted all measurements with low side LO & IF = 250 MHz.


Similar Part No. - HMC381LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC381LP6E HITTITE-HMC381LP6E Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
More results

Similar Description - HMC381LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com