Electronic Components Datasheet Search
  English  ▼

X  

MA46H072 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA46H072
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46H072 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA46H072 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46H072 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46H072 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46H072 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount GaAs Tuning Varactors
0.75, 1.25, & 1.5 Gamma Hyperabrupt
Rev. V8
MA46 Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
3. The values guaranteed for gamma are measured on unpackaged chips. The total capacitance versus bias voltage curve will deviate slightly
from the chip capacitance versus bias voltage curve due to the package parasitic capacitance (Cp).
4. The Cp values listed typically have tolerances of ±0.02 pF.
5. Capacitance is measured at 1 MHz.
6. The total capacitance and capacitance ratios shown are for diodes housed in case style 30. Other case styles will result in different values.
7. When ordering MA46H202-134 as whole wafer P/N is MAVR-0046202-0134WR.
1.25 Gamma Hyperabrupt
Breakdown Voltage @ 10 µA = 22 V minimum
Reverse Current @ 16 V = 100 nA maximum
Gamma3 = 1.13 - 1.38, VR = 2 to 20 V @ 10 µA
1.5 Gamma Hyperabrupt
Breakdown Voltage @ 10 µA = 18 V minimum
Reverse Current @ 14 V = 100 nA maximum
Gamma3 = 1.4 - 1.6, VR = 2 to 12 V @ 10 µA
0.75 Gamma Hyperabrupt
Breakdown Voltage @ 10 µA = 20 V minimum
Reverse Current @ 16 V = 100 nA maximum
Gamma3 = 0.68 - 0.83, VR = 0 to 20 V @ 10 µA
Electrical Specifications: TA = +25°C
Part Number
Total
Capacitance
+/-10%4,5,6
Total
Capacitance
Ratio6
Q
Minimum
Vr=4 V
Vr=0 V
Vr=4 V
(pF)
-
-
MA46H070
0.5 - 0.7
5.5
4500
MA46H071
0.9 - 1.1
6.4
4500
MA46H072
2.7 - 3.3
7.5
3000
MA46H073
4.5 - 5.5
7.5
2200
Part Number
Total
Capacitance
+/-10%4,5,6
Total
Capacitance
Ratio6
Q
Minimum
Vr=4 V
Vr=2 V
Vr=4 V
(pF)
-
-
MA46H500
0.5 - 0.7
2.8
2500
MA46H501
0.9 - 1.1
3.9
2500
MA46H503
4.5 - 5.5
8.1
1200
MA46H504
9.0 - 11.0
8.1
1200
Part Number
Total
Capacitance
+/-10%4,5,6
Total
Capacitance
Ratio6
Q
Minimum
Vr=4 V
Vr=2 V
Vr=4 V
(pF)
-
-
MA46H200
0.5 - 0.7
3.0
1500
MA46H201
0.9 - 1.1
4.1
3000
MA46H2027
2.7 - 3.3
5.6
2000
MA46H203
4.5 - 5.5
10.0
1500
MA46H204
9.0 - 11.0
10.0
1500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com