Electronic Components Datasheet Search
  English  ▼

X  

MAAM-010355-000000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010355-000000
Description  CATV Power Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010355-000000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010355-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-010355-000000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CATV Power Doubler
45 - 1200 MHz
Rev. V1
MAAM-010355
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings10,11
10. Exceeding any one or combination of these limits may cause
permanent damage to this device.
11. MACOM does not recommend sustained operation near
these survivability limits.
Parameter
Absolute Maximum
RF Input Power
12 dBm
Voltage
30 V
Storage Temperature
-65°C to +150°C
Printed Circuit Board (PCB) Thermal Design
To maintain reliable junction temperatures for this high power amplifier the printed circuit board must provide low thermal
resistance to the exposed paddle of the IC package. Two PCB thermal solutions are presented below. In general, thinner
substrates and thicker plating for vias provide lower thermal resistance. Calculation of case temperature must include
temperature rise in PCB. For additional details and support please contact https://www.macom.com/support
8. These operating conditions will ensure MTTF > 1 x 106 hours.
9. Junction Temperature (TJ) = Case Temperature (TC) + Өjc*(V*I)
Typical thermal resistance (ӨJC) = 3.8 °C/W.
a) For TC = 25°C,
TJ = 66°C @ 24 V, 445 mA
b) For TC = 100°C,
TJ = 141°C @ 24 V, 445 mA
Pedestal
Heat Sink
Chassis
PCB
PCB
U1
PCB Cut-Out with Thermal Pedestal
139 total vias.
Vias plated to 2-mil (50 µm) thickness of copper.
Finished via diameter 10 mils (0.25 mm).
Via spacing 20 mils (0.51 mm).
2.8-mil (70 µm) thick copper for top and bottom metal.
PCB thermal resistance (ӨPCB) = 1.7 °C/W, measured.
For base temperature (TB) = +85°C, 24 V & 445 mA,
TJ = TB + ( ӨPCB + ӨJC ) * V * I = +144°C
Maximum Operating Conditions8
Parameter
Maximum Operating
Condition
RF Input Power
5 dBm
Voltage
24 V
Junction Temperature9
+160°C
Thermal Via Array, 62-mil PCB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com