Electronic Components Datasheet Search
  English  ▼

X  

PI6C490086 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C490086
Description  PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490086 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C490086 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490086 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.pericom.com
PI6C490086
RevB
2/16/2012
PI6C490086
PLL Clock Multiplier
Function Table
Pin number
Pin Name
Type
Description
1
X1/CLKIN
Input
Crystal connection or clock input
2, 4, 14
VDD
Power
3.3V Core and CLK1 supply voltage
5
VDDO8
Power
Supply voltage for CLK8
6
CLK8
Output
8.192 MHz output
7, 9, 15
GND
Power
Connect to Ground
8
OE#
Input
Global output enable when low. Internal pull-down
resistor.
10
CLK3
Output
Clock Output 3
11
VDDO
Power
Supply voltage from 1.8V to 3.3V for CLK2 and CLK3
12
CLK2
Output
Clock Output 2
13
CLK1
Output
Clock Output 1
16
X2
Output
Crystal connection
OE#
CLK1/CLK2/CLK3/CLK8
0
Enabled
1
Hi-Z, weak pull down
12-0165



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com