Electronic Components Datasheet Search
  English  ▼

X  

MAAM-011177 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011177
Description  Push-Pull CATV Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011177 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-011177 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. MAAM-011177 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Push-Pull CATV Amplifier
45 - 1200 MHz
Rev. V2
MAAM-011177
13
13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
13
Typical Distortion Performance Curves: 79 NTSC V0 = +44 dBmV Flat @ +25°C
XMOD
CTB
-90
-85
-80
-75
-70
-65
-60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency (GHz)
-90
-85
-80
-75
-70
-65
-60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency (GHz)
CSOL
CSOH
-100
-95
-90
-85
-80
-75
-70
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency (GHz)
-100
-95
-90
-85
-80
-75
-70
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com