Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0060TR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0060TR
Description  Broadband CATV Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0060TR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0060TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0060TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0060TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0060TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0060TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0060TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0060TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V2
MAAMSS0060
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Gain to 3 GHz over Temperature
Gain to 1 GHz over Temperature
Typical Performance Curves: 17dB Gain Configuration
Output Return Loss over Temperature
Input Return Loss over Temperature
Noise Figure
10
12
14
16
18
20
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
+25°C
-40°C
+85°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
0
1
2
3
4
5
0
200
400
600
800
1000
+25°C
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com