Electronic Components Datasheet Search
  English  ▼

X  

ADC08131 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08131 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC08131 Datasheet HTML 11Page - National Semiconductor (TI) ADC08131 Datasheet HTML 12Page - National Semiconductor (TI) ADC08131 Datasheet HTML 13Page - National Semiconductor (TI) ADC08131 Datasheet HTML 14Page - National Semiconductor (TI) ADC08131 Datasheet HTML 15Page - National Semiconductor (TI) ADC08131 Datasheet HTML 16Page - National Semiconductor (TI) ADC08131 Datasheet HTML 17Page - National Semiconductor (TI) ADC08131 Datasheet HTML 18Page - National Semiconductor (TI) ADC08131 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Functional Description (Continued)
small (see Typical Performance Characteristics) to allow di-
rect conversions of transducer outputs providing less than a
5V output span. Particular care must be taken with regard to
noise pickup, circuit layout and system error voltage sources
when operating with a reduced span due to the increased
sensitivity of the converter (1 LSB equals V
REF/256).
THE ANALOG INPUTS
The most important feature of these converters is that they
can be located right at the analog signal source and through
just a few wires can communicate with a controlling proces-
sor with a highly noise immune serial bit stream. This in itself
greatly minimizes circuitry to maintain analog signal accu-
racy which otherwise is most susceptible to noise pickup.
However, a few words are in order with regard to the analog
inputs should the input be noisy to begin with or possibly
riding on a large common-mode voltage.
The differential input of these converters actually reduces
the effects of common-mode input noise, a signal common
to both selected “+” and “−” inputs for a conversion (60 Hz is
most typical). The time interval between sampling the “+” in-
put and then the “−” input is 1⁄2 of a clock period. The change
in the common-mode voltage during this short time interval
can
cause
conversion
errors.
For
a
sinusoidal
common-mode signal this error is:
where f
CM is the frequency of the common-mode signal,
V
PEAK is its peak voltage value
and f
CLK is the A/D clock frequency.
For a 60Hz common-mode signal to generate a 1⁄4 LSB error
(
≈5 mV) with the converter running at 250kHz, its peak value
would have to be 6.63V which would be larger than allowed
as it exceeds the maximum analog input limits.
Source resistance limitation is important with regard to the
DC leakage currents of the input multiplexer. While operating
near or at maximum speed bypass capacitors should not be
used if the source resistance is greater than 1k
Ω. The
worst-case leakage current of ±1µA over temperature will
create a 1mV input error with a 1k
Ω source resistance. An op
amp RC active low pass filter can provide both impedance
buffering and noise filtering should a high impedance signal
source be required.
OPTIONAL ADJUSTMENTS
Zero Error
The zero of the A/D does not require adjustment. If the mini-
mum analog input voltage value, V
IN(MIN), is not ground a
zero offset can be done. The converter can be made to out-
put 0000 0000 digital code for this minimum input voltage by
biasing any V
IN (−) input at this VIN(MIN) value. This utilizes
the differential mode operation of the A/D.
The zero error of the A/D converter relates to the location of
the first riser of the transfer function and can be measured by
grounding the V
IN (−) input and applying a small magnitude
positive voltage to the V
IN (+) input. Zero error is the differ-
ence between the actual DC input voltage which is neces-
sary to just cause an output digital code transition from 0000
0000 to 0000 0001 and the ideal 1⁄2 LSB value (1⁄2 LSB =
9.8mV for V
REF = 5.000VDC).
Full Scale
A full-scale adjustment can be made by applying a differen-
tial input voltage which is 11⁄2 LSB down from the desired
analog full-scale voltage range and then adjusting the mag-
nitude of the V
REFIN input for a digital output code which is
just changing from 1111 1110 to 1111 1111 (See figure en-
titled “Span Adjust; 0V
≤ V
IN ≤ 3V”). This is possible only with
the ADC08134 and ADC08138. (The reference is internally
connected to V
REFIN of the ADC08131).
DS010749-17
a) Ratiometric
DS010749-18
b) Absolute
FIGURE 2. Reference Examples
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com