Electronic Components Datasheet Search
  English  ▼

X  

LM5060MM Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5060MM
Description  High-Side Protection Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5060MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5060MM Datasheet HTML 9Page - Texas Instruments LM5060MM Datasheet HTML 10Page - Texas Instruments LM5060MM Datasheet HTML 11Page - Texas Instruments LM5060MM Datasheet HTML 12Page - Texas Instruments LM5060MM Datasheet HTML 13Page - Texas Instruments LM5060MM Datasheet HTML 14Page - Texas Instruments LM5060MM Datasheet HTML 15Page - Texas Instruments LM5060MM Datasheet HTML 16Page - Texas Instruments LM5060MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
EN
VGS Status
nPGD
VTIMER
6 PA
VGS
VGATE-TH
transition region
VGS > 5 V
VGS < 5 V
OFF
ON
VTMRH
VTMRL
OK
LM5060
www.ti.com
SNVS628G – OCTOBER 2009 – REVISED JANUARY 2016
Device Functional Modes (continued)
Figure 21. Voltages During Normal Start Up Sequence
Table 1. Overview of Operating Conditions
INPUTS
OUTPUTS
VIN
STATUS
OVP
VIN
GATE
GATE Current
GATE after
EN
UVLO
SENSE-OUT
Current
TIMER
nPGD
(typ)
(typ)
-OUT
(typ)
TIMER > 2 V
(typ)
L
L
–
>5.10 V
–
–
0.009 mA
2.2 mA sink
Low
–
–
Disabled
L
H
–
>5.10 V
–
–
0.009 mA
2.2 mA sink
Low
–
–
Disabled
SENSE>OUT
H
H
L
<2 V
>5.10 V
–
0.56 mA
2.2 mA sink
Low
–
Standby
SENSE<OUT
L
SENSE>OUT
H
H
L
>2 V
>5.10 V
–
0.56 mA
80 mA sink
Low
–
Standby
SENSE<OUT
L
SENSE>OUT
6-µA source
80 mA sink
H
H
H
<2 V
>5.10 V
<5 V
1.4 mA
24-µA source
Enabled
SENSE<OUT
Low
–
L
11-µA
SENSE>OUT
80 mA sink
H
source
H
H
<2 V
>5.10 V
>5 V
1.4 mA
24-µA source
Enabled
SENSE<OUT
Low
–
L
SENSE>OUT
H
Over-
H
H
>2 V
>5.10 V
–
1.4 mA
80 mA sink
Low
–
voltage
SENSE<OUT
L
2.2 mA sink
Power on
H
H
<2 V
<5.10 V
–
–
1.4 mA
Low
–
H
(see (1))
reset
(1)
The 2.2 mA sink current is valid for with the VIN pin
≥ 5.1 V. When the VIN pin < 5.1 V the sink current is lower. See ‘GATE Pin Off
Current vs. VIN’ plot in Typical Characteristics.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com