Electronic Components Datasheet Search
  English  ▼

X  

LMZ13608 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ13608
Description  8-A SIMPLE SWITCHER Power Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13608 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMZ13608 Datasheet HTML 17Page - Texas Instruments LMZ13608 Datasheet HTML 18Page - Texas Instruments LMZ13608 Datasheet HTML 19Page - Texas Instruments LMZ13608 Datasheet HTML 20Page - Texas Instruments LMZ13608 Datasheet HTML 21Page - Texas Instruments LMZ13608 Datasheet HTML 22Page - Texas Instruments LMZ13608 Datasheet HTML 23Page - Texas Instruments LMZ13608 Datasheet HTML 24Page - Texas Instruments LMZ13608 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
'iL =
(VIN - VOUT) x D
L x fSW
IDCB =
(VIN - VOUT) x D
2 x L x fSW
CIN
8
350 kHz x 200 mV
8 22.4 µF
3.3V
12V
3.3V
12V
¹
·
©
§
¹
·
©
§
8A x
x 1 -
CIN
8
IOUT x D x (1 - D)
fSW x 'VIN
ICIN-RMS = IOUT x D(1-D)
LMZ13608
www.ti.com
SNVS710I – MARCH 2011 – REVISED DECEMBER 2015
8.2.2.7 CIN Selection
The LMZ13608 module contains two internal ceramic input capacitors. Additional input capacitance is required
external to the module to handle the input ripple current of the application. The input capacitor can be several
capacitors in parallel. This input capacitance must be located in very close proximity to the module. Input
capacitor selection is generally directed to satisfy the input ripple current requirements rather than by
capacitance value. Input ripple current rating is dictated by the equation:
where
•
D
≊ VOUT / VIN
(10)
As a point of reference, the worst case ripple current will occur when the module is presented with full load
current and when VIN = 2 × VOUT.
Recommended minimum input capacitance is 30-µF X7R (or X5R) ceramic with a voltage rating at least 25%
higher than the maximum applied input voltage for the application. TI also recommends to pay attnetion to the
voltage and temperature derating of the capacitor selected.
NOTE
Ripple current rating of ceramic capacitors may be missing from the capacitor data sheet
and you may have to contact the capacitor manufacturer for this parameter.
If the system design requires a certain minimum value of peak-to-peak input ripple voltage (
ΔVIN) to be
maintained then the following equation may be used.
(11)
If
ΔVIN is 200 mV or 1.66% of VIN for a 12-V input to 3.3-V output application and fSW = 350 kHz then:
(12)
Additional bulk capacitance with higher ESR may be required to damp any resonant effects of the input
capacitance and parasitic inductance of the incoming supply lines. The LMZ13608 typical applications schematic
and evaluation board include a 150-
μF 50-V aluminum capacitor for this function. There are many situations
where this capacitor is not necessary.
8.2.2.8 Discontinuous Conduction and Continuous Conduction Modes Selection
The approximate formula for determining the DCM/CCM boundary is as follows:
(13)
The inductor internal to the module is 2.2
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (
ΔiL). ΔiL can be calculated with:
where
•
VIN is the maximum input voltage
•
fSW is typically 359 kHz
(14)
If the output current IOUT is determined by assuming that IOUT = IL, the higher and lower peak of ΔiL can be
determined.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ13608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com