Electronic Components Datasheet Search
  English  ▼

X  

REG71050 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REG71050
Description  Buck-Boost Charge Pump
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG71050 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REG71050 Datasheet HTML 9Page - Texas Instruments REG71050 Datasheet HTML 10Page - Texas Instruments REG71050 Datasheet HTML 11Page - Texas Instruments REG71050 Datasheet HTML 12Page - Texas Instruments REG71050 Datasheet HTML 13Page - Texas Instruments REG71050 Datasheet HTML 14Page - Texas Instruments REG71050 Datasheet HTML 15Page - Texas Instruments REG71050 Datasheet HTML 16Page - Texas Instruments REG71050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
100mA/div
I
IN
V
OUT
2V/div
Time(50 s/div)
m
BW=20MHz
REG710-3.3V
V
=3.0V
IN
I =30mA
O
V
(V)
IN
90
80
70
60
50
40
30
20
10
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.0
REG710-3
C
=2.2 F
m
OUT
REG710-5
REG71050
C
=10 F
m
OUT
REG710-5
REG71050
C
=2.2 F
m
OUT
REG710-3
C
=10 F
m
OUT
REG710-2.5
C
=2.2 F
m
OUT
REG710-2.5,C
=10 F
m
OUT
V
(V)
IN
250
225
200
175
150
125
100
75
50
25
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
REG710-2.5
REG710-5
REG710-3
Figure 18. Output Ripple Voltage vs VIN
Figure 19. Short-Circuit Load Current vs VIN
Figure 20. Input Current at Turn-On
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com