Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3402 Datasheet HTML 8Page - Texas Instruments LM3402 Datasheet HTML 9Page - Texas Instruments LM3402 Datasheet HTML 10Page - Texas Instruments LM3402 Datasheet HTML 11Page - Texas Instruments LM3402 Datasheet HTML 12Page - Texas Instruments LM3402 Datasheet HTML 13Page - Texas Instruments LM3402 Datasheet HTML 14Page - Texas Instruments LM3402 Datasheet HTML 15Page - Texas Instruments LM3402 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TSW
300 ns
VO(MIN) = VIN x
TSW
TSW - 300 ns
VO(MAX) = VIN x
TSW = 1/fSW
nMAX =
VF(MAX)
VO(max) - 200 mV
LM3402, LM3402HV
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
The maximum number of LEDs, nMAX, that can be placed in a single series string is governed by VO(MAX) and the
maximum forward voltage of the LEDs used, VF(MAX), using the expression:
(7)
At low switching frequency the maximum duty cycle and output voltage are higher, allowing the LM3402/HV to
regulate output voltages that are nearly equal to input voltage. The following equation relates switching frequency
to maximum output voltage.
(8)
7.3.4 Minimum Output Voltage
The minimum recommended ON-time for the LM3402/HV is 300 ns. This lower limit for tON determines the
minimum duty cycle and output voltage that can be regulated based on input voltage and switching frequency.
The relationship is determined by the following equation:
(9)
7.3.5 High Voltage Bias Regulator
The LM3402/HV contains an internal linear regulator with a 7-V output, connected between the VIN and the VCC
pins. The VCC pin should be bypassed to the GND pin with a 0.1-µF ceramic capacitor connected as close as
possible to the pins of the device. VCC tracks VIN until VIN reaches 8.8 V (typical) and then regulates at 7 V as
VIN increases. Operation begins when VCC crosses 5.25 V.
7.3.6 Internal MOSFET and Driver
The LM3402/HV features an internal power MOSFET as well as a floating driver connected from the SW pin to
the BOOT pin. Both rise time and fall time are 20 ns each (typical) and the approximate gate charge is 3 nC. The
high-side rail for the driver circuitry uses a bootstrap circuit consisting of an internal high-voltage diode and an
external 10 nF capacitor, CB. VCC charges CB through the internal diode while the power MOSFET is off. When
the MOSFET turns on, the internal diode reverse biases. This creates a floating supply equal to the VCC voltage
minus the diode drop to drive the MOSFET when its source voltage is equal to VIN.
7.3.7 Fast Shutdown for PWM Dimming
The DIM pin of the LM3402/HV is a TTL logic compatible input for low-frequency PWM dimming of the LED. A
logic low (less than 0.8V) at DIM will disable the internal MOSFET and shut off the current flow to the LED array.
While the DIM pin is in a logic low state the support circuitry (driver, bandgap, VCC) remains active to minimize
the time needed to turn the LED array back on when the DIM pin sees a logic high (above 2.2 V). A 75 µA
(typical) pullup current ensures that the LM3402/HV is on when DIM pin is open circuited, eliminating the need
for a pullup resistor. Dimming frequency, fDIM, and duty cycle, DDIM, are limited by the LED current rise time and
fall time and the delay from activation of the DIM pin to the response of the internal power MOSFET. In general,
fDIM should be at least one order of magnitude lower than the steady state switching frequency to prevent
aliasing.
7.3.8 Peak Current Limit
The current limit comparator of the LM3402/HV will engage whenever the power MOSFET current (equal to the
inductor current while the MOSFET is on) exceeds 735 mA (typical). The power MOSFET is disabled for a cool-
down time that is 10x the steady-state ON-time. At the conclusion of this cool-down time the system re-starts. If
the current limit condition persists the cycle of cool-down time and restarting will continue, creating a low-power
hiccup mode, minimizing thermal stress on the LM3402/HV and the external circuit components.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com