Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 15 Page - Texas Instruments

Part # REG710
Description  Buck-Boost Charge Pump
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG710 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments REG710 Datasheet HTML 15Page - Texas Instruments REG710 Datasheet HTML 16Page - Texas Instruments REG710 Datasheet HTML 17Page - Texas Instruments REG710 Datasheet HTML 18Page - Texas Instruments REG710 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
0.22 F
m
C
P1
REG710-3.3
0.22 F
m
C
P2
REG710-3.3
4.7 F
m
C
IN
V
OUT
V
IN
V
IN
V
OUT
GND
V
IN
V
OUT
GND
4.7 F
m
C
OUT
+
-
REG71050, REG71055, REG710
www.ti.com
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
System Examples (continued)
9.3.2 Doubling the Output Current
Figure 22. REG710 Circuit for Doubling the Output Current
When higher output currents are required, the REG710 family can be paralleled to double the output current.
When paralleling two devices the relationship between output current and input voltage must be taken into
account (see Electrical Characteristics).
This particular application can deliver 20 mA for an input voltage from 1.8 V to 5.5 V, or 60-mA output for an
input voltage from 2.2 V to 5.5 V. The output voltage is 3.3 V.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com