Electronic Components Datasheet Search
  English  ▼

X  

MAATCC0013 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0013
Description  Voltage Variable Attenuator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0013 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0013 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Voltage Variable Attenuator
824 - 960 MHz
Rev. V3
MAATCC0013
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Loss vs. Frequency @ +25°C
No Tuning Cap (See Note 2)
VSWR vs. Freq. With 1.5 pF Tuning Cap @ +85°C
Loss vs. Frequency @ +85°C
No Tuning Cap (See Note 2)
Typical Performance Curves
VSWR vs. Freq. With 1.5 pF Tuning Cap @ -40°C
Loss vs. Frequency @ -40°C
No Tuning Cap (See Note 2)
VSWR vs. Freq. With 1.5 pF Tuning Cap @ +25°C
1.0
1.5
2.0
2.5
820
855
890
925
960
Frequency (MHz)
IL
5d B
10 d B
16 d B
3 0 d B
1.0
1.2
1.4
1.6
1.8
2.0
820
840
860
880
900
920
940
960
Frequency (MHz)
1.0
1.5
2.0
2.5
820
855
890
925
960
Frequency (MHz)
IL
5d B
10 d B
16 d B
3 0 d B
1.0
1.2
1.4
1.6
1.8
2.0
820
840
860
880
900
920
940
960
Frequency (MHz)
1.0
1.5
2.0
2.5
820
855
890
925
960
Frequency (MHz)
IL
5d B
10 d B
16 d B and 3 0 d B
1.0
1.2
1.4
1.6
1.8
2.0
820
840
860
880
900
920
940
960
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com