Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0019 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0019
Description  Digital Attenuator, 4-Bit, Single Control, 15 dB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0019 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0019 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0019 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0019 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0019 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0019 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator, 4-Bit, Single Control, 15 dB
0.5 - 4.0 GHz
Rev. V3
MAATSS0019
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Single Control CMOS Logic for Each Bit
 Attenuation: 1 dB Steps to 15 dB
 Low DC Power Consumption: 50 µW
 Lead-Free TSSOP-16 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The M/A-COM MAATSS0019 is a 4 Bit, 1 dB step
GaAs MMIC digital attenuator in a lead-free TSSOP-
16
surface
mount
plastic
package.
The
MAATSS0019 is ideally suited for use where high
accuracy, very low power consumption and low
intermodulation products are required.
Typical
applications include radio, cellular, wireless LANs,
GPS equipment and other gain / level control
circuits.
The MAATSS0019 is fabricated using a mature 1
micron GaAs MESFET process.
The process
features
full
chip
passivation
for
increased
performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
9
RF Port 2
2
Ground
10
Ground
3
VC1
11
Ground
4
VC2
12
Ground
5
VC3
13
Ground
6
VC4
14
Ground
7
Ground
15
Ground
8
Ground
16
RF Port 1
Functional Schematic 3,4
Pin 16
VS
RF1
RF2
GND GND GND GND GND GND
GND GND
GND GND
VC1 VC2 VC3 VC4
Pin 1
8
4
2
1
Ordering Information 1,2
Part Number
Package
MAATSS0019
Bulk Packaging
MAATSS0019TR
1000 piece reel
MAATSS0019SMB
Sample Board
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. Required external blocking caps shown.
4. VS can be applied at RF1 or RF2 using a 10K Ω or greater
pull-up resistor.


Similar Part No. - MAATSS0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator
MAATSS0019SMB MA-COM-MAATSS0019SMB Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Tyco Electronics
MAATSS0019TR MACOM-MAATSS0019TR Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
More results

Similar Description - MAATSS0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0013 MA-COM-MAADSS0013 Datasheet
124Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
MAADSS0013_V2 MA-COM-MAADSS0013_V2 Datasheet
162Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
Digital Attenuator, 4-Bit, Single Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com