Electronic Components Datasheet Search
  English  ▼

X  

HMC416LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC416LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC416LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC416LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC416LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC416LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC416LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC416LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC416LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
15 - 67
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +3V
Typical SSB Phase Noise @ Vtune= +5V
Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +3V
Output Power vs.
Tuning Voltage, Vcc= +3V
MMIC VCO w/ BUFFER
AMPLIFIER, 2.75 - 3.0 GHz
HMC416LP4
v01.0604
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
0
1234
5
6
789
10
2.75V
3.0V
3.25V
TUNING VOLTAGE (VOLTS)
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
01
234
5678
9
10
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
0
20
40
60
80
100
120
140
160
180
200
220
240
01
234
5678
9
10
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
0
1
2
3
4
5
6
7
8
9
10
01
234
5678
9
10
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
3
10
4
10
5
10
6
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
01
234
5678
9
10
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com