Electronic Components Datasheet Search
  English  ▼

X  

ADC08161 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08161
Description  500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08161 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC08161 Datasheet HTML 2Page - National Semiconductor (TI) ADC08161 Datasheet HTML 3Page - National Semiconductor (TI) ADC08161 Datasheet HTML 4Page - National Semiconductor (TI) ADC08161 Datasheet HTML 5Page - National Semiconductor (TI) ADC08161 Datasheet HTML 6Page - National Semiconductor (TI) ADC08161 Datasheet HTML 7Page - National Semiconductor (TI) ADC08161 Datasheet HTML 8Page - National Semiconductor (TI) ADC08161 Datasheet HTML 9Page - National Semiconductor (TI) ADC08161 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Bandgap Reference Electrical Characteristics (Continued)
Note 2: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 3: When the input voltage (VIN) at any pin exceeds the power supply voltage (VIN < GND or VIN > V
+), the absolute value of the current at that pin should be
limited to 5 mA or less. The 20 mA package input current specification limits the number of pins that can exceed the power supply boundaries witha5mA current
limit to four.
Note 4: The power dissipation of this device under normal operation should never exceed 875 mW (Quiescent Power Dissipation + TTL Loads on the digital outputs).
Caution should be taken not to exceed absolute maximum power rating when the device is operating in a severe fault condition (e.g., when any input or output ex-
ceeds the power supply). The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX (maximum junction temperature), θJA
(package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJMAX
−TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For this device, TJMAX = 105˚C and θJA = 85˚C/W.
Note 5: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
Note 6: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 7: Typicals are at 25˚C and represent most likely parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Output Quality Level).
Note 9: Total unadjusted error includes offset, full-scale, and linearity errors.
Note 10: Two on-chip diodes are tied to each analog input and are reversed biased during normal operation. One is connected to V+ and the other is connected to
GND. They will become forward biased and conduct when an analog input voltage is equal to or greater than one diode drop above V+ or below GND. Therefore,
caution should be exercised when testing with V+ = 4.5V. Analog inputs with magnitudes equal to 5V can cause an input diode to conduct, especially at elevated tem-
peratures. This can create conversion errors for analog signals near full-scale. The specification allows 50 mV forward bias on either diode; e.g., the output code will
be correct as long as the analog input signal does not exceed the supply voltage by more than 50 mV. Exceeding this range on an unselected channel will corrupt
the reading of a selected channel. An absolute analog input signal voltage range of 0V
≤ VIN ≤ 5V can be achieved by ensuring that the minimum supply voltage ap-
plied to V+ is 4.950V over temperature variations, initial tolerance, and loading.
Note 11: Off-channel leakage current is measured on the on-channel selection.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com