Electronic Components Datasheet Search
  English  ▼

X  

HMC424LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC424LP3
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC424LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC424LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC424LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
9 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC424LP3
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz
v04.0604
Pin Description
Suggested Driver Circuit (One Circuit Required Per Bit Control Input)
Simple driver using inexpensive standard logic ICs provides fast
switching using minimum DC current.
* Recommended value to suppress unwanted RF signals at V1 -
V6 control lines.
Pad Number
Function
Description
Interface Schematic
1, 3, 10, 12
GND
Package bottom has an exposed metal paddle that must also be
connected to RF grount
2, 11
RFIN, RFOUT
This pin is DC coupled and matched to 50 Ohm. Blocking capaci-
tors are required if RF line potential is not equal to 0V.
4, 5, 6, 7, 8, 9
V6 - V1
See truth table and control voltage table.
13, 14, 16
N/C
This pin should be connected to PCB RF ground to maximize
performance
15
VEE
Supply Voltage -5V
± 10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com