Electronic Components Datasheet Search
  English  ▼

X  

HMC429LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC429LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC429LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC429LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC429LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC429LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC429LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC429LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC429LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
15 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
MMIC VCO w/ BUFFER
AMPLIFIER, 4.45 - 5.0 GHz
v01.0604
General Description
Features
Functional Diagram
The HMC429LP4 is a GaAs InGaP Heterojunc-
tion Bipolar Transistor (HBT) MMIC VCO with
integrated resonator, negative resistance device,
varactor diode, and buffer amplifier.
Covering
4.45 to 5.0 GHz, the VCO’s phase noise per-
formance is excellent over temperature, shock,
vibration and process due to the oscillator’s
monolithic structure. Power output is 4.0 dBm
typical from a single supply of 3.0V @ 30mA.
The voltage controlled oscillator is packaged in a
low cost leadless QFN 4 x 4 mm surface mount
package.
Pout: +4.0 dBm
Phase Noise: -105 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 30 mA
QFN Leadless SMT Package, 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• 802.11a, HiperLAN WLAN
• VSAT, UNII & Microwave Radio
• Test Equipment & Industrial Controls
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
4.45 - 5.0
GHz
Power Output
1.0
4.0
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-105
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3.0V)
30
mA
Tune Port Leakage Current
10
µA
Output Return Loss
6dB
Harmonics
2nd
3rd
-11
-23
dBc
dBc
Pulling (into a 2.0:1 VSWR)
10
MHz pp
Pushing @ Vtune= +5V
14
MHz/V
Frequency Drift Rate
0.4
MHz/°C
HMC429LP4


Similar Part No. - HMC429LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC429LP4 HITTITE-HMC429LP4 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC429LP4 HITTITE-HMC429LP4 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC429LP4 HITTITE-HMC429LP4 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
logo
Analog Devices
HMC429LP4 AD-HMC429LP4 Datasheet
680Kb / 6P
Low noise MMIC VCO w/Buffer Amplifi er for
logo
Hittite Microwave Corpo...
HMC429LP4E HITTITE-HMC429LP4E Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
More results

Similar Description - HMC429LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC391LP4 HITTITE-HMC391LP4 Datasheet
285Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4 Datasheet
237Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC430LP4 HITTITE-HMC430LP4_06 Datasheet
301Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC429LP4 HITTITE-HMC429LP4_08 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
logo
Analog Devices
HMC391LP4 AD-HMC391LP4 Datasheet
316Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com