Electronic Components Datasheet Search
  English  ▼

X  

LM3556TMX Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3556TMX
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556TMX Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3556TMX Datasheet HTML 25Page - Texas Instruments LM3556TMX Datasheet HTML 26Page - Texas Instruments LM3556TMX Datasheet HTML 27Page - Texas Instruments LM3556TMX Datasheet HTML 28Page - Texas Instruments LM3556TMX Datasheet HTML 29Page - Texas Instruments LM3556TMX Datasheet HTML 30Page - Texas Instruments LM3556TMX Datasheet HTML 31Page - Texas Instruments LM3556TMX Datasheet HTML 32Page - Texas Instruments LM3556TMX Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
50
60
70
80
90
100
VIN(V)
TA = -40°C
TA = +25°C
TA = +85°C
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
60
64
68
72
76
80
84
88
92
96
100
ILED(A)
VIN =4.2V
VIN =3.9V
VIN =3.6V
VIN =3.3V
VIN =3.0V
VIN =2.7V
e
x
( )
C
25
R
=
T
R
°
298
1
273
+
C
°
T
1
E
-
¹
·
©
§
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
8.2.2.4 NTC Thermistor Selection
The TEMP pin is a comparator input for flash LED thermal sensing. NTC mode is intended to monitor an external
thermistor which monitors LED temperature and prevents LED overheating. An internal comparator checks the
voltage on the TEMP pin against the trip point programmed in the NTC Settings Register (0x02). The thermistor
is driven by an internally regulated current source, and the voltage on the TEMP pin is related to the source
current and the NTC resistance.
NTC thermistors have a temperature to resistance relationship of:
where
•
β is given in the thermistor datasheet
•
R25°C is the thermistor's value at 25°C.
(4)
8.2.3 Application Curves
VLED = 3.6 V
ILED = 1.5 A
VLED = 3.8 V
Figure 42. Flash LED Efficiency vs VIN
Figure 43. Flash LED Efficiency vs Flash LED Current
9 Power Supply Recommendations
The LM3556 is designed to operate from an input supply range of 2.5 V to 5.5 V. This input supply must be well
regulated and provide the peak current required by the LED configuration and inductor selected.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com