Electronic Components Datasheet Search
  English  ▼

X  

HMC441 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC441
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC441 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC441 Datasheet HTML 1Page - Hittite Microwave Corporation HMC441 Datasheet HTML 2Page - Hittite Microwave Corporation HMC441 Datasheet HTML 3Page - Hittite Microwave Corporation HMC441 Datasheet HTML 4Page - Hittite Microwave Corporation HMC441 Datasheet HTML 5Page - Hittite Microwave Corporation HMC441 Datasheet HTML 6Page - Hittite Microwave Corporation HMC441 Datasheet HTML 7Page - Hittite Microwave Corporation HMC441 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
1 - 63
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC441
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 6.0 - 18.0 GHz
v02.0304
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2)
+5.5 Vdc
Gate Bias Voltage (Vgg1,Vgg2)
-8.0 to 0 Vdc
RF Input Power (RFin)(Vdd = +5.0 Vdc)
+20 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 10 mW/°C above 85 °C)
0.9 W
Thermal Resistance
(channel to die bottom)
100 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Vdd (V)
Idd (mA)
+4.5
88
+5.0
90
+5.5
92
+2.7
80
+3.0
82
+3.3
83
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown above
Gain, Power & Output IP3
vs. Gate Voltage @ 12 GHz
0
5
10
15
20
25
30
35
0
30
60
90
120
150
180
210
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Gain
P1dB
Psat
OIP3
Idd
Vgg1, Vgg2 Gate Voltage (Vdc)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com