Electronic Components Datasheet Search
  English  ▼

X  

1024081 Datasheet(PDF) 3 Page - SICK AG

Part # 1024081
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1024081 Datasheet(HTML) 3 Page - SICK AG

  1024081 Datasheet HTML 1Page - SICK AG 1024081 Datasheet HTML 2Page - SICK AG 1024081 Datasheet HTML 3Page - SICK AG 1024081 Datasheet HTML 4Page - SICK AG 1024081 Datasheet HTML 5Page - SICK AG 1024081 Datasheet HTML 6Page - SICK AG 1024081 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DME5000-211 | DME5000
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Indication
Display
Weight
Approx. 1,650 g
Output current IA
≤ 100 mA 3)
Current consumption
At 24 V DC < 250 mA
1) May not fall short of or exceed VS tolerances.
2) After loss of reflector < 1 s at max. speed Vmax < 1 m/s.
3) Short-circuit protected, overload-protected. Max. 100 nF / 20 mH.
Ambient data
Enclosure rating
IP 65
Protection class
II 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2, EN 55011
Ambient temperature
Operation: –10 °C ... +55 °C
Operation with cooling case: –10 °C ... +75 °C
Storage: –25 °C ... +75 °C
Effect of air pressure
0.3 ppm/hPa
Effect of air temperature
1 ppm/K
Temperature drift
Typ. 0.1 mm/K
Mechanical load
Shock: (EN 600 68-2-27 / –2-29)
Sine: (EN 600 68-2-6)
Noise: (EN 600 68-2-64)
1) Reference voltage DC 32 V.
Dimensional drawing (Dimensions in mm (inch))
DME5000 SSI
26
(1.02)
166 (6.54)
78
(3.07)
40
(1.57)
2
1
①  LC display
②  Center of optical axis



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com