Electronic Components Datasheet Search
  English  ▼

X  

HMC441LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC441LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC441LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC441LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 208
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC441LP3
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 6.5 - 13.5 GHz
v01.0604
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3-5, 8-10,
12-14, 16
N/C
This pin may be connected to RF/DC ground.
2
RF IN
This pin is AC coupled and matched to 50 Ohms from
6.5 - 13.5 GHz.
6, 7
Vgg1, Vgg2
Optional gate control for amplifier. If left open, the amplifier
will run at standard current. Negative voltage applied will
reduce current.
11
RF OUT
This pin is AC coupled and matched to 50 Ohms from
6.5 -13.5 GHz.
15
Vdd
Power Supply Voltage for the amplifier. An external bypass
capacitor of 100 pF is required.
GND
Package bottom must be connected to RF/DC ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com