Electronic Components Datasheet Search
  English  ▼

X  

TT1668 Datasheet(PDF) 13 Page - Tontek Design Technology

Part # TT1668
Description  LED Driver with Key Scan Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TT1668 Datasheet(HTML) 13 Page - Tontek Design Technology

Back Button TT1668 Datasheet HTML 6Page - Tontek Design Technology TT1668 Datasheet HTML 7Page - Tontek Design Technology TT1668 Datasheet HTML 8Page - Tontek Design Technology TT1668 Datasheet HTML 9Page - Tontek Design Technology TT1668 Datasheet HTML 10Page - Tontek Design Technology TT1668 Datasheet HTML 11Page - Tontek Design Technology TT1668 Datasheet HTML 12Page - Tontek Design Technology TT1668 Datasheet HTML 13Page - Tontek Design Technology TT1668 Datasheet HTML 14Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary
TT1628 / TT1668
2014/9/10
Page:13/14
Ver.:2.3
.
AC Electrical Characteristics
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Oscillation frequency
fosc
350
500
650
KHz
Propagation delay time
tPLZ
CLK → DIO
CL=15pF , RL=10KΩ
300
ns
tPZL
100
Output rising time
tTZH1
SEG1~SEG10 CL=300pF
2
us
tTZH2
Grid1~Grid4
SEG12/Grid7~ SEG14/Grid5
CL=300pF
0.5
Output falling time
TTHZ
CL = 300pF,Segn, Gridn
120
us
Clock Frequency
Fmax
Duty=50%
1
MHz
Input Capacitor
CI
15
pF
Clock Pulse Width
PWCLK
400
ns
Strobe Pulse Width
PWSTB
1
us
Data setup time
tSETUP
ns
Data hold time
tHOLD
ns
CLK →STB
tCLK-STB
CLK↑→STB↑
1
us
Wait time
tWAIT
CLK↑→CLK↓
1
us
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com