Electronic Components Datasheet Search
  English  ▼

X  

MAPDCC0010 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0010
Description  Low Cost Two-Way GMIC SMT Power Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0010 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Cost Two-Way GMIC SMT Power Divider,
2200 - 2500 MHz
Rev. V2
MAPDCC0010
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Small Size and Low Profile
 Typical Insertion Loss: 1.0 dB
 Typical Amplitude Balance: 0.1 dB
 1 Watt Power Handling
 Lead-Free SOT-25 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of DS52-0007
Description
M/A-COM’s MAPDCC0010 is an IC-based mono-
lithic power divider using M/A-COM’s GMIC technol-
ogy in a low cost SOT-25 plastic package. This 2-
way power divider is ideally suited for applications
where small size, low insertion loss, superior phase/
amplitude tracking and low cost are required. Typi-
cal applications include handsets, base station
switching networks and other communication appli-
cations where size and PCB real estate are at a
premium. Available in Tape and Reel.
The MAPDCC0010 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
MAPDCC0010
Bulk Packaging
MAPDCC0010-TR
1000 piece reel
MAPDCC0010-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
Pin No.
Function
1
RF1 (OUT)
2
GND
3
RF2 (OUT)
4
GND
5
RF IN
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Block Diagram
4
5
3
2
1
RF IN
GND
RF1
(Out)
GND
RF2
(Out)


Similar Part No. - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0010 MACOM-MAPDCC0010 Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
logo
Tyco Electronics
MAPDCC0010-TB MACOM-MAPDCC0010-TB Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
MAPDCC0010-TB MA-COM-MAPDCC0010-TB Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
More results

Similar Description - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
DS52-0014 MACOM-DS52-0014 Datasheet
600Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com