Electronic Components Datasheet Search
  English  ▼

X  

TTP103S Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP103S
Description  PRODUCT SPECIFICATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP103S Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP103S Datasheet HTML 1Page - Tontek Design Technology TTP103S Datasheet HTML 2Page - Tontek Design Technology TTP103S Datasheet HTML 3Page - Tontek Design Technology TTP103S Datasheet HTML 4Page - Tontek Design Technology TTP103S Datasheet HTML 5Page - Tontek Design Technology TTP103S Datasheet HTML 6Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
TTP103
_________________________________________________________________________________
2014/06/11
page 3 of 6
Ver 1.1
Toggle output
TTP103
8
7
6
5
4
3
2
1
AT
CI
CK
FI
NC
TI
VDD
VSS
ZD1
D1
AC
110V/60Hz
C3
100UF/16V
C2
2.2UF/16V
R3
2M
TTP103 RECOMMEND APPLICATION DIAGRAM
CHANGE R6 1M TO 2M ( FOR 110V CHANGE TO 220V )
CHANGE R2 20K/1W TO 39K/2W ( FOR 110V CHANGE TO 220V )
CHANGE R1 330K TO 390K ( FOR 60HZ CHANGE TO 50HZ )
FOR 220V/50HZ :
NOTE :
TOUCH PLATE
1N4148
1N4148
6.8V
-
+
1N40
-
Toggle output
ZD1
D1
AC
110V/60Hz
C3
100UF/16V
C2
2.2UF/16V
R3
2M
TCP103 RECOMMEND APPLICATION DIAGRAM
CHANGE R6 1M TO 2M ( FOR 110V CHANGE TO 220V )
CHANGE R2 20K/1W TO 39K/2W ( FOR 110V CHANGE TO 220V )
CHANGE R1 330K TO 390K ( FOR 60HZ CHANGE TO 50HZ )
FOR 220V/50HZ :
NOTE :
6.8V
-
+
1N40
-
TOUCH PLATE
1N4148
1N4148



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com