Electronic Components Datasheet Search
  English  ▼

X  

TTP224N-ASD Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP224N-ASD
Description  4 KEY TOUCH PAD DETECTOR IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP224N-ASD Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP224N-ASD Datasheet HTML 1Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 2Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 3Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 4Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 5Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 6Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 7Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 8Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
TTP224N-ASD
TonTouch
TM
2014/06/05
Page 3 of 12
Ver:3.1
PACKAGE LIST
TTP224N-ASD package type is SSOP-20 ,package configuration is below
PKG-ASD
2014/6/4
01
01
05:47:30 下午
PKG-ASD
.
TTP224N-ASD
Lot No.
Date code
PIN DESCRIPTION
Pin No. Pin Name
Type
Pad Description
1
TP0
I/O
Touch pad input pin
2
TP1
I/O
Touch pad input pin
3
TP2
I/O
Touch pad input pin
4
TP3
I/O
Touch pad input pin
5
AHLB
I-PL
Output active high or low option, default:0
6
VDD
P
Positive power supply
7
VREG
P
Internal regulator output pin
8
TOG
I-PL
Output type option, default:0
9
LPMB
I-PL
Low power/fast mode option, default:0
10
MOT1
I-PH
Key maximum on time option, default:1
11
MOT0
I-PH
12
VSS
P
Negative power supply, ground
13
REGEN
I-PH Internal regulator enable/disable function option, default:1
14
OD
I-PH Output open-drain option, default:1
15
SM
I-PH Single/multi key option, default:1
16
TPQ3
O
Direct output for TP3 touch input pin
17
TPQ2
O
Direct output for TP2 touch input pin
18
TPQ1
O
Direct output for TP1 touch input pin
19
TPQ0
O
Direct output for TP0 touch input pin
20
TPQ0D
OD
Open Drain output(have no Diode protective circuit), active low
for TP0 touch input pin
Note:Pin Type
I
=>CMOS input only
I-PH
=>CMOS input and pull-high resister
I-PL
=>CMOS input and pull-low resister
O
=>CMOS push-pull output
OD
=>Open drain output, have no Diode protective circuit
I/O
=>CMOS I/O
P
=>Power / Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com