Electronic Components Datasheet Search
  English  ▼

X  

HMC448 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC448
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC448 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC448 Datasheet HTML 1Page - Hittite Microwave Corporation HMC448 Datasheet HTML 2Page - Hittite Microwave Corporation HMC448 Datasheet HTML 3Page - Hittite Microwave Corporation HMC448 Datasheet HTML 4Page - Hittite Microwave Corporation HMC448 Datasheet HTML 5Page - Hittite Microwave Corporation HMC448 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
4 - 31
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
HMC448
v00.0902
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 19 - 25 GHz OUTPUT
Absolute Maximum Ratings
Outline Drawing
RF Input (Vcc= +5V)
+20 dBm
Supply Voltage (Vd1, Vd2)
+6.0 Vdc
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 8.3 mW/°C above 85 °C)
744 mW
Thermal Resistance
(junction to die bottom)
121 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE.
4. TYPICAL BOND SPACING IS .006” CENTER TO CENTER.
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METALIZATION: GOLD
7. BACKSIDE METAL IS GROUND.
8. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS.
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
4.5
47
5.0
48
5.5
49
Note: Multiplier will operate over full voltage
range shown above.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com