Electronic Components Datasheet Search
  English  ▼

X  

TTP225 Datasheet(PDF) 11 Page - Tontek Design Technology

Part # TTP225
Description  8 KEYS TOUCH PAD DETECTOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP225 Datasheet(HTML) 11 Page - Tontek Design Technology

Back Button TTP225 Datasheet HTML 7Page - Tontek Design Technology TTP225 Datasheet HTML 8Page - Tontek Design Technology TTP225 Datasheet HTML 9Page - Tontek Design Technology TTP225 Datasheet HTML 10Page - Tontek Design Technology TTP225 Datasheet HTML 11Page - Tontek Design Technology TTP225 Datasheet HTML 12Page - Tontek Design Technology TTP225 Datasheet HTML 13Page - Tontek Design Technology TTP225 Datasheet HTML 14Page - Tontek Design Technology TTP225 Datasheet HTML 15Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Preliminary
TTP225
TonTouchTM
09’/08/25
Page 11 of 15
Ver : 1.3
APPLICATION CIRCUIT
a. For direct mode
APPLICATION FOR DIRECT KEY OUTPUT MODE
Voltage Regulator
+2.0 ~ +5.5V
Vout
Vin
VSS
TTP225
NC2
NC1
NC3
TEST
SSOP-48
SLSE1
SLSE5
SLSE4
SLSE3
SLSE2
OPST
OPT1
OPT0
OPW1
OPW0
SLSE0
VSS
DV
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
OPS0
OPS1
VDD
VSS
OSC1
I0
I1
I2
I3
I4
I5
I6
I7
1
10
11
12
13
14
15
16
17
18
19
2
20
21
22
23
24
25
26
27
28
29
3
30
31
32
33
34
35
36
37
38
39
4
40
41
42
43
44
45
46
47
48
5
6
7
8
9
See P.S. : 6
4.7uF
Ci
VCC
Co
4.7uF
C2
104
See P.S. : 3
C1
5~10pF
DV
OUT_7
OUT_6
OUT_5
OUT_4
OUT_3
OUT_2
OUT_1
OUT_0
KEY7
KEY6
KEY5
KEY4
KEY3
KEY2
KEY1
KEY0
P.S.:1. On PCB, the length of lines from touch pad to IC pins are best the same with K0 to K7.
And the lines do not parallel and cross with other lines.
2. The power supply must be stable. If the supply voltage drift or shift quickly, maybe causing
sensitivity anomalies or false detections.
3. On OSC1 pin adding the C1 capacitor can adjust the system frequency, it will affect the output
refresh rate, power-on stable-time, DV pulse width, and key-on duration time.
4. The material of panel covering on the PCB can not include the metal or the electric element.
The paints on the surfaces are the same.
5. The C2 capacitor must be used between VDD and VSS; and should be routed with very short
tracks to the device’s VDD and VSS pins (TTP225).
6. The value of capacitors can be used by the real application for Ci and Co capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com