Electronic Components Datasheet Search
  English  ▼

X  

HMC449 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC449
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC449 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC449 Datasheet HTML 1Page - Hittite Microwave Corporation HMC449 Datasheet HTML 2Page - Hittite Microwave Corporation HMC449 Datasheet HTML 3Page - Hittite Microwave Corporation HMC449 Datasheet HTML 4Page - Hittite Microwave Corporation HMC449 Datasheet HTML 5Page - Hittite Microwave Corporation HMC449 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
4 - 35
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC449
Output Power vs.
Temperature @ 0 dBm Drive Level
Output Power vs.
Supply Voltage @ 0 dBm Drive Level
Output Power vs. Drive Level
v00.0404
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 27 - 33 GHz OUTPUT
Pin vs. Pout @ 3 Frequencies
Isolation @ 0 dBm Drive Level
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
26
27
28
29
30
31
32
33
34
+25 C
+85 C
-55 C
OUTPUT FREQUENCY (GHz)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
26
27
28
29
30
31
32
33
34
-6 dBm
-4 dBm
-2 dBm
0 dBm
+2 dBm
+4 dBm
+6 dBm
OUTPUT FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
26
27
28
29
30
31
32
33
34
Vdd=4.5V
Vdd=5.0V
Vdd=5.5V
OUTPUT FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
5
10
15
26
27
28
29
30
31
32
33
34
Fo
2Fo
3Fo
OUTPUT FREQUENCY (GHz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
Fout=27 GHz
Fout=30 GHz
Fout=33 GHz
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com