Electronic Components Datasheet Search
  English  ▼

X  

HMC455LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC455LP3
Description  InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC455LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC455LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MICROWAVE CORPORATION
8 - 266
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC455LP3
GaAs InGaP HBT ½ Watt High IP3
AMPLIFIER, 1.7 - 2.5 GHz
v01.0604
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16 18 20
Pout
Gain
PAE
INPUT POWER (dBm)
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
Power Compression @ 1.95 GHz
Output IP3 vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
Noise Figure vs. Temperature
Gain, Power & IP3 vs.
Supply Voltage @ 1.95 GHz
-30
-25
-20
-15
-10
-5
0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
Reverse Isolation vs. Temperature
8
12
16
20
24
28
32
36
40
44
4.5
4.7
5
5.2
5.5
Gain
P1dB
Psat
OIP3
Vs (Vdc)
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
-10 -8
-6
-4
-2
0
2
4
6
8
10 12 14 16 18 20
Pout
Gain
PAE
INPUT POWER (dBm)
Power Compression @ 2.15 GHz
Data shown is tuned for 1.85 - 2.2 GHz, contact HMC
Applications for recommended 1.7 - 1.85 GHz & 2.2 - 2.5 GHz tuning circuits.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com