Electronic Components Datasheet Search
  English  ▼

X  

HMC463LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC463LP5
Description  GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC463LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 262
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC463LP5
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2.0 - 20.0 GHz
v00.0404
General Description
Features
Functional Diagram
The HMC463LP5 is a GaAs MMIC PHEMT Low
Noise AGC Distributed Amplifier packaged in a
leadless 5 x 5 mm surface mount package which
operates between 2 and 20 GHz. The amplifier
provides 13 dB of gain, 3.0 dB noise figure and 18
dBm of output power at 1 dB gain compression
while requiring only 60 mA from a +5V supply.
An optional gate bias (Vgg2) is provided to allow
Adjustable Gain Control (AGC) of 8 dB typical.
Gain flatness is excellent at ±0.5 dB from 6 - 18
GHz making the HMC463LP5 ideal for EW, ECM
RADAR and test equipment applications. The
HMC463LP5 LNA I/Os are internally matched to
50 Ohms and are internally DC blocked.
Gain: 13 dB
Noise Figure: 2.8 dB @ 10 GHz
P1dB Output Power: +18 dBm @ 10 GHz
Supply Voltage: +5.0V @ 60 mA
50 Ohm Matched Input/Output
25 mm2 Leadless Package
Typical Applications
The HMC463LP5 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military EW, ECM & C3I
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 5V, Idd= 60 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2.0 - 6.0
6.0 - 18.0
18.0 - 20.0
GHz
Gain
10
13
9
12
8
11
dB
Gain Flatness
±0.5
±0.5
±0.5
dB
Gain Variation Over Temperature
0.010
0.015
0.010
0.015
0.010
0.015
dB/ °C
Noise Figure
3.0
4.0
3.0
5.0
5.5
6.5
dB
Input Return Loss
15
13
12
dB
Output Return Loss
13
10
10
dB
Output Power for 1 dB Compression (P1dB)
16
19
11
16
10
12
dBm
Saturated Output Power (Psat)
21
19
19
dBm
Output Third Order Intercept (IP3)
30
24
22
dBm
Supply Current
(Idd) (Vdd= 5V, Vgg1= -0.9V Typ.)
60
60
60
mA
* Adjust Vgg1 between -2 to -0V to achieve Idd= 60 mA typical.
Vgg2: Optional Gate Bias for AGC


Similar Part No. - HMC463LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463LP5 HITTITE-HMC463LP5 Datasheet
734Kb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC463LP5E HITTITE-HMC463LP5E Datasheet
734Kb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
More results

Similar Description - HMC463LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463 HITTITE-HMC463 Datasheet
279Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
logo
Analog Devices
HMC463LH250 AD-HMC463LH250 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463 AD-HMC463 Datasheet
725Kb / 8P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com