Electronic Components Datasheet Search
  English  ▼

X  

HMC464LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC464LP5
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC464LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC464LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 268
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC464LP5
GaAs PHEMT MMIC
POWER AMPLIFIER, 2.0 - 20.0 GHz
v00.0304
General Description
Features
Functional Diagram
The HMC464LP5 is a GaAs MMIC PHEMT Dis-
tributed Power Amplifier in a leadless 5 x 5 mm
surface mount package which operates between
2 and 20 GHz. The amplifier provides 14 dB of
gain, +30 dBm output IP3 and +26 dBm of output
power at 1 dB gain compression while requiring
290 mA from a +8V supply. Gain flatness is good
from 2 - 18 GHz making the HMC464LP5 ideal
for EW, ECM and radar driver amplifier as well as
test equipment applications. The wideband ampli-
fier I/O’s are internally matched to 50 Ohms.
+26 dBm P1dB Output Power
Gain: 14 dB
+30 dBm Output IP3
Supply Voltage: +8.0V @ 290 mA
50 Ohm Matched Input/Output
25 mm2 Leadless SMT Package
Typical Applications
The HMC464LP5 wideband driver is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military EW, ECM & C3I
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 8V, Vgg2= 3V, Idd= 290 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2.0 - 6.0
6.0 - 16.0
16.0 - 20.0
GHz
Gain
12
14
11.5
13.5
8
11
dB
Gain Flatness
±0.5
±0.5
±1.0
dB
Gain Variation Over Temperature
0.025
0.035
0.03
0.04
0.05
0.06
dB/ °C
Input Return Loss
15
10
7
dB
Output Return Loss
15
9
11
dB
Output Power for 1 dB Compression (P1dB)
23.5
26.5
22
25
18
21
dBm
Saturated Output Power (Psat)
27.5
26
24.0
dBm
Output Third Order Intercept (IP3)
32
26
22
dBm
Noise Figure
4.0
4.0
6.0
dB
Supply Current
(Idd) (Vdd= 8V, Vgg= -0.5V Typ.)
290
290
290
mA
* Adjust Vgg1 between -2 to 0V to achieve Idd= 290 mA typical.


Similar Part No. - HMC464LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC464LP5 AD-HMC464LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC464LP5E HITTITE-HMC464LP5E Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 9P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 22P
Active Bias Controller High Current
More results

Similar Description - HMC464LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC451 HITTITE-HMC451 Datasheet
373Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5.0 - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
CMM0016 MIMIX-CMM0016_06 Datasheet
246Kb / 5P
2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com