Electronic Components Datasheet Search
  English  ▼

X  

LB2S Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # LB2S
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

LB2S Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  LB2S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd LB2S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB05S THRU LB10S
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
REVERSE VOLTAGE: 50 to 1000 VOLTS
FORWARD CURRENT: 0.5 AMPERE
FEATURES
· Surge overload rating: 30 amperes peak
LBXS
· Ideal for printed circuit board
· Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
· Low leakage
· Reliable low cost construction utilizing molded
MECHANICAL DATA
Case: Molded plastic, LBXS
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.00528ounce, 0.134gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
LB05S
LB1S
LB2S
LB4S
LB6S
LB8S
LB10S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
(see Fig. 1)
on glass-epoxy P.C.B (Note 2)
on aluminum substrate (Note 3)
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 0.4A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 3)
RθJA
℃
/W
Typical Thermal Resistance (Note 2)
RθJL
℃
/W
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
3- On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
-55 to +150
5.0
500
13
16
60
Dimensions in inches and (millimeters)
IFSM
VF
30
0.8
0.5
I(AV)
Amp
IR
Amp
Volts
uAmp
1.0


Similar Part No. - LB2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
LB2S PFS-LB2S Datasheet
241Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
SUNMATE electronic Co.,...
LB2S SUNMATE-LB2S Datasheet
394Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
Reverse Voltage 200 and 1000V Forward Current 0.8A
More results

Similar Description - LB2S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com