Electronic Components Datasheet Search
  English  ▼

X  

MA729 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MA729
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MA729 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MA729 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MA729 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MA729 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
MA729
FEATURES
For super-high speed switching circuit.
For small current rectification.
Allowing to rectify under(IF(AV)=200mA) condition.
Allowing high-density mounting.
APPLICATIONS
SOD-323
Schottky epitaxial planar.
ORDERING INFORMATION
Type No.
Marking
Package Code
MA729
2B
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
30
V
Repetitive peak reverse voltage
VRRM
30
V
Peak forward Current
IFM
300
mA
Average forward Current
IF(AV)
200
mA
Non-repetitive peak forward Surge Current
IFSM
1000
mA
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
635
℃/W
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-55-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free


Similar Part No. - MA729

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA729 PANASONIC-MA729 Datasheet
44Kb / 2P
Schottky Barrier Diodes (SBD)
logo
Shenzhen Luguang Electr...
MA729 LUGUANG-MA729 Datasheet
240Kb / 2P
Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
MA729 JIANGSU-MA729 Datasheet
4Mb / 4P
SWITCHING DIODE
logo
Diode Semiconductor Kor...
MA729 DSK-MA729 Datasheet
220Kb / 3P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
MA729 BILIN-MA729 Datasheet
153Kb / 3P
Schottky Barrier Diode
Rev.A
More results

Similar Description - MA729

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com