Electronic Components Datasheet Search
  English  ▼

X  

HMC466LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC466LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC466LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC466LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC466LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC466LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC466LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC466LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC466LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
15 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
MMIC VCO w/ BUFFER
AMPLIFIER, 6.1 - 6.72 GHz
v01.0604
General Description
Features
Functional Diagram
The HMC466LP4 is a GaAs InGaP Heterojunc-
tion Bipolar Transistor (HBT) MMIC VCO with
integrated resonator, negative resistance device,
varactor diode, and buffer amplifier. Covering 6.1
to 6.72 GHz, the VCO’s phase noise performance
is excellent over temperature, shock, vibration
and process due to the oscillator’s monolithic
structure. Power output is 4.5 dBm typical from
a single supply of 3.0V @31mA.
The voltage
controlled oscillator is packaged in a low cost
leadless QFN 4 x 4 mm surface mount package.
Pout: +4.5 dBm
Phase Noise: -101 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: +3V @ 31 mA
QFN Leadless SMT Package, 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• VSAT & Microwave Radio
• CATV & Broadcast Relays
• Test Equipment & Industrial Controls
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
6.1 - 6.72
GHz
Power Output
1.5
4.5
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-101
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3.0V)
31
mA
Tune Port Leakage Current
10
µA
Output Return Loss
7dB
Harmonics
2nd
3rd
-13
-24
dBc
dBc
Pulling (into a 2.0:1 VSWR)
11
MHz pp
Pushing @ Vtune= +5V
30
MHz/V
Frequency Drift Rate
0.8
MHz/°C
HMC466LP4


Similar Part No. - HMC466LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC466LP4 HITTITE-HMC466LP4 Datasheet
231Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
logo
Analog Devices
HMC466LP4 AD-HMC466LP4 Datasheet
326Kb / 4P
Test Equipment & Industrial Controls
logo
Hittite Microwave Corpo...
HMC466LP4E HITTITE-HMC466LP4E Datasheet
231Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
logo
Analog Devices
HMC466LP4E AD-HMC466LP4E Datasheet
326Kb / 4P
Test Equipment & Industrial Controls
logo
Hittite Microwave Corpo...
HMC466LP4 HITTITE-HMC466LP4_09 Datasheet
231Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
More results

Similar Description - HMC466LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4 Datasheet
237Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC431LP4 HITTITE-HMC431LP4_08 Datasheet
232Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC466LP4 HITTITE-HMC466LP4_09 Datasheet
231Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com